|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE FAST CMOS OCTAL D REGISTER (3-STATE) IDT74FCT534AT/CT FEATURES: * * * * * * * * A and C grades Low input and output leakage 1A (max.) CMOS power levels True TTL input and output compatibility: - VOH = 3.3V (typ.) - VOL = 0.3V (typ.) High Drive outputs (-15mA IOH, 48mA IOL) Meets or exceeds JEDEC standard 18 specifications Power off disable outputs permit "live insertion" Available in SOIC and QSOP packages DESCRIPTION: The FCT534T is an 8-bit register built using an advanced dual metal CMOS technology. These registers consist of eight D-type flip-flops with a buffered common clock and buffered 3-state output control. When the output enable (OE) input is low, the eight outputs are enabled. When the OE input is high, the outputs are in the high-impedance state. Input data meeting the set-up and hold time requirements of the D inputs is transferred to the Q outputs on the low-to-high transition of the clock input. FUNCTIONAL BLOCK DIAGRAM D0 CP CP D Q CP D1 D2 D3 D4 D5 D6 D7 D Q CP D Q CP D Q CP D Q CP D Q CP D Q CP D Q OE Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 The IDT logo is a registered trademark of Integrated Device Technology, Inc. INDUSTRIAL TEMPERATURE RANGE 1 AUGUST 2000 DSC-5493/3 (c) 2000 Integrated Device Technology, Inc. IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE PIN CONFIGURATION OE Q0 D0 D1 Q1 Q2 D2 D3 Q3 GND 1 2 3 4 5 6 7 8 9 10 SOIC/ QSOP TOP VIEW ABSOLUTE MAXIMUM RATINGS(1) Symbol VTERM(2) Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA 20 19 18 17 16 15 14 13 12 11 VCC Q7 D7 D6 Q6 Q5 D5 D4 Q4 CP VTERM(3) TSTG IOUT NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. No terminal voltage may exceed Vcc by +0.5V unless otherwise noted. 2. Inputs and Vcc terminals only. 3. Output and I/O terminals only. CAPACITANCE (TA = +25C, F = 1.0MHz) Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 6 8 Max. 10 12 Unit pF pF NOTE: 1. This parameter is measured at characterization but not tested. PIN DESCRIPTION Pin Names Dx CP Qx Qx OE Description D Flip-Flop Data Inputs Clock Pulse for the Register. Enters data on LOW-toHIGH transition 3-State Outputs (TRUE) 3-State Outputs (INVERTED) Active LOW 3-State Output Enable Input FUNCTION TABLE(1) Function High-Z Load Register OE H H L L H H Inputs CP L H Dx X X L H L H Outputs Qx Z Z H L Z Z Internal Qx NC NC L H L H NOTE: 1. H = HIGH Voltage Level X = Don't Care L = LOW Voltage Level Z = High Impedance NC = No Change = LOW-to-HIGH transition 2 IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 5% Symbol VIH VIL IIH IIL IOZH IOZL II VIK VH ICC Parameter Input HIGH Level Input LOW Level Input HIGH Current(4) Input LOW Current(4) High Impedance Output Current (3-State Output Pins)(4) Input HIGH Current(4) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Max., VI = VCC (Max.) VCC = Min., IIN = -18mA -- Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VCC = Max. VCC = Max. VI = 2.7V VI = 0.5V VI = 2.7V VI = 0.5V Min. 2 -- -- -- -- -- -- -- -- -- Typ.(2) -- -- -- -- -- -- -- -0.7 200 0.01 Max. -- 0.8 1 1 1 1 1 -1.2 -- 1 A V mV A Unit V V A A A OUTPUT DRIVE CHARACTERISTICS Symbol VOH VOL IOS Parameter Output HIGH Voltage Output LOW Voltage Short Circuit Current VCC = Min VIN = VIH or VIL VCC = Min VIN = VIH or VIL VCC = Max., VO = GND(3) Test Conditions(1) IOH = -8mA IOH = -15mA IOL = 48mA Min. 2.4 2 -- -60 Typ.(2) 3.3 3 0.3 -120 Max. -- -- 0.5 -225 Unit V V mA NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. The test limit for this parameter is 5A at TA = -55C. 3 IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE POWER SUPPLY CHARACTERISTICS Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open OE = GND One Input Toggling 50% Duty Cycle IC Total Power Supply Current(6) VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE = GND fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle OE = GND Eight Bits Toggling fi = 2.5MHz 50% Duty Cycle NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fiNi) ICC = Quiescent Current ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) fi = Output Frequency Ni = Number of Outputs at fi All currents are in milliamps and all frequencies are in megahertz. Test Conditions(1) Min. -- Typ.(2) 0.5 0.15 Max. 2 0.25 Unit mA mA/ MHz VIN = VCC VIN = GND -- VIN = VCC VIN = GND -- 1.5 3.5 mA VIN = 3.4V VIN = GND -- 2 5.5 VIN = VCC VIN = GND -- 3.8 7.3(5) VIN = 3.4V VIN = GND -- 6 16.3(5) 4 IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE SWITCHING CHARACTERISTICS OVER OPERATING RANGE FCT534AT Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tSU tW Parameter Propagation Delay CP to Qx Output Enable Time Output Disable Time Set-up Time HIGH or LOW Dx to CP Hold Time HIGH or LOW Dx to CP CP Pulse Width HIGH or LOW(3) Condition(1) CL = 50pF RL = 500 Min.(2) 2 1.5 1.5 2 1.5 5 Max. 6.5 6.5 5.5 -- -- -- Min.(2) 2 1.5 1.5 2 1.5 5 FCT534CT Max. 5.2 5.5 5 -- -- -- Unit ns ns ns ns ns ns NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. This parameter is guaranteed but not tested. 5 IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE TEST CIRCUITS AND WAVEFORMS V CC 7.0V 500 VIN Pulse G enerator D.U.T. 50pF R T SWITCH POSITION Test Switch Closed Open Open Drain Disable Low Enable Low All Other Tests V OU T 500 C L DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. Octal link Test Circuits for All Outputs DATA INPUT tSU TIMING INPUT ASYNCHRO NOUS CONTROL PRESET CLEAR ETC. SYNCHRON OUS CONTROL PRESET CLEAR CLOCK ENABLE ETC. tREM tH 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V Octal link LOW -HIGH-LOW PULSE tW HIGH-LOW -HIG H PULSE Octal link 1.5V 1.5V tSU tH Pulse Width Set-Up, Hold, and Release Times ENABLE SAM E PHASE INPUT TRANSITION tPLH O UTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V Octal link DISABLE 3V CONTROL INPUT tPZL OUTPUT NORMALLY LOW SW ITCH CLO SED tPZH OUTPUT NORMALLY HIGH SW ITCH OPEN 3.5V 1.5V 0.3V tPHZ 0.3V 1.5V 0V tPLZ 1.5V 0V 3.5V VOL VOH 0V Octal link Propagation Delay Enable and Disable Times NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 6 IDT74FCT534AT/CT FAST CMOS OCTAL D REGISTER (3-STATE) INDUSTRIAL TEMPERATURE RANGE ORDERING INFORMATION IDT XX FCT XXXX Temp. Range Device Type X Package SO Q Small Outline IC Quarter-size Small Outline Package 534AT 534CT Octal D Register 74 - 40C to +85C CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054 for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com for Tech Support: logichelp@idt.com (408) 654-6459 7 |
Price & Availability of IDT74FCT534CT |